technical data sheet technical data sheet 1 sma male to sma male right angle precision cable 30 inch length using 150 series coax, rohs confguration connector 1 sma male connector 2 sma male right angle cable type 150 series electrical specifcations frequency range, ghz dc to 26.5 impedance, ohms 50 maximum vswr 1.4:1 velocity of propagation, % 69.5 rf shielding, db 90 maximum operating voltage, vrms 1,900 typical electrical specifcations frequency 1 frequency, ghz 2 vswr 1.07:1 insertion loss 0.2 db/ft [ 0.66 db/m ] frequency 2 frequency, ghz 6 vswr 1.14:1 insertion loss 0.3 db/ft [ 0.98 db/m ] frequency 3 frequency, ghz 10 vswr 1.25:1 insertion loss 0.41 db/ft [ 1.35 db/m ] frequency 4 frequency, ghz 14 vswr 1.32:1 insertion loss 0.52 db/ft [ 1.71 db/m ] frequency 5 frequency, ghz 18 vswr 1.32:1 insertion loss 0.64 db/ft [ 2.1 db/m ] click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: sma male to sma male right angle precision cable 30 inch length using 150 series coax, rohs PE35418-30 PE35418-30 rev PE35418-30 sma male to sma male right angle precision cable 30 inch length using 150 series coax, rohs
technical data sheet technical data sheet 2 frequency 6 frequency, ghz 22 vswr 1.35:1 insertion loss 0.75 db/ft [ 2.46 db/m ] frequency 7 frequency, ghz 26.5 vswr 1.4:1 insertion loss 0.78 db/ft [ 2.56 db/m ] electrical specifcation notes: short lengths up to 24 long may exhibit vswr measurements up to 9% higher. mechanical specifcations cable assembly cable type 150 series temperature temperature operating range, deg c -50 to +205 size length, in [mm] 30 [762] . one time minimum bend radius, in [mm] 1 [25.4] cable center conductor type solid cable inner conductor copper clad steel, silver no of shields 1 dielectric type ptfe jacket material fep jacket diameter, in [mm] 0.15 [3.81] connector 1 type sma male confguration straight inner conductor material and plating copper clad steel, silver coupling nut material and plating passivated stainless steel hex size, in. 5/16 torque, in-lbs [nm] 8 [0.9] body material and plating passivated stainless steel dielectric type ptfe connector 2 type sma male right angle PE35418-30 rev PE35418-30 click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: sma male to sma male right angle precision cable 30 inch length using 150 series coax, rohs PE35418-30 sma male to sma male right angle precision cable 30 inch length using 150 series coax, rohs
technical data sheet technical data sheet 3 confguration right angle inner conductor material and plating copper clad steel, silver coupling nut material and plating passivated stainless steel hex size, in. 5/16 torque, in-lbs [nm] 8 [0.9] body material and plating passivated stainless steel dielectric type ptfe compliance certifcations (visit www.pasternack.com for current document) rohs compliant y es plotted and other data notes: v alues at 25 c, sea level sma male to sma male right angle precision cable 30 inch length using 150 series coax, rohs from pasternack enterprises has same day shipment for domestic and international orders. our rf , microwave and fber optic products maintain a 99% availability and are part of the broadest selection in the industry. click the following link (or enter part number in search on website) to obtain additional part information including price, inventory and certifcations: sma male to sma male right angle precision cable 30 inch length using 150 series coax, rohs PE35418-30 url: http://www.pasternack.com/sma-male-sma-male-150-series-cable-assembly-PE35418-30-p.aspx PE35418-30 rev PE35418-30 sma male to sma male right angle precision cable 30 inch length using 150 series coax, rohs
4 ? 2013 pasternack enterprises all rights reserved PE35418-30 rev dwg title pe35418 notes: 1. unless otherwise specified all dimensions are nominal. 2. all specifications are subject to change without notice at any time. 3. dimensions are in inches [mm]. 4. length tolerance is 1.5% or 3/8", whichever is greater. custom length -xx 60" -60 48" -48 36" -36 24" -24 12'' -12 pe3 00 - 99999 < blank > = standard pe3000lf-100 pe3000-100 pe3000lf-100cm pe3000-100cm length in inches part number configuration how to order length zzz yy xx uu - cm = centimeters < blank > = inches examples part # ext. -25cm -50cm -75cm -100cm -125cm 25cm 50cm 75cm 100cm 125cm -xxcm custom length length in centimeters part # ext. note: lf applies only to rf cables lf = rohs compliant fscm no. 53919 cad file 030308-a scale n/a size a 2233 sma male sma male right angle sma male to sma male right angle precision cable 30 inch length using 150 series coax, rohs PE35418-30
|